high-frequency amplifier z parameter symbol v cbo v ceo v ebo i c p c t t stg limits 2 0 1 1 3 50 0.2 150 - 55~+150 unit v v v ma w o c o c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo h fe f t cob rbb' cc nf 2 0 1 1 3 56 1.4 3.2 0. 8 0.5 0.5 270 1.5 v v v u a u a g hz pf i c = 10 a i c = 1ma i e = 10 a v cb = 10v v eb = 2v v ce(sat) 0.5 v i c /i b = 1 0ma/ 5 ma v ce /i c = 10v/ 5 ma v cb = 10v , i c = 10ma , f = 5 00mhz v cb = 10v , i e = 0a , f = 1mhz v cb = 10v , i c = 10ma , f = 31.8mhz v ce = 6 v , i c = 2ma , f = 5 00mhz , rg = 50 ? 3 .5 db collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio transition frequency output capacitance collector-emitter saturation voltage collector-base time constant noise factor j transistor ps 4 12 s-l2sc4083nt1g device marking shipping 3000/tape&reel l2sc4083nt3g n01 10000/tape&reel l2sc4083nt1g n01 leshan radio company, ltd. we declare that the material of product compliance with rohs requirements. series see table s-l2sc4083pt3g l2sc4083qt3g l2sc4083pt1g l2sc4083qt1g h01 h01 p01 p01 3000/tape&reel 3000/tape&reel 10000/tape&reel 10000/tape&reel rank n p q 56-120 82-180 120-270 ordering information absolute maximum ratings (ta=25 o c) electrical characteristics (ta=25 o c) classification of h fe range sc-74 rev.o 1/2 l2sc4083nt1g series z s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l2sc4083nt1g s-l2sc4083nt3g s-l2sc4083pt1g l2sc4083pt3g s-l2sc4083qt1g s-l2sc4083qt3g
s-l2sc4083nt1g series leshan radio company, ltd. sc?74 23 4 5 6 d 1 e b e a1 a 0.05 (0.002) c l h e dim a min nom max min millimeters 0.90 1.00 1.10 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.25 0.37 0.50 0.010 c 0.10 0.18 0.26 0.004 d 2.90 3.00 3.10 0.114 e 1.30 1.50 1.70 0.051 e 0.85 0.95 1.05 0.034 0.20 0.40 0.60 0.008 0.039 0.043 0.002 0.004 0.015 0.020 0.007 0.010 0.118 0.122 0.059 0.067 0.037 0.041 0.016 0.024 nom max 2.50 2.75 3.00 0.099 0.108 0.118 h e ? ? l 0 10 0 10 0.7 0.028 1.9 0.074 0.95 0.037 2.4 0.094 1.0 0.039 0.95 0.037 mm inches scale 10:1 rev.o 2/2 l2sc4083nt1g series
|